Part Number Hot Search : 
741CN MAX5361 2N5462 P1101SCL LC78832M ST89E BFP182 H57AD
Product Description
Full Text Search
 

To Download Z4KE180A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z4KE100 THRU Z4KE200A
GLASS PASSIVATED ZENER
Zener Voltage - 100 to 200 Volts
DO-204AL
Steady State Power - 1.5 Watts
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Low Zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260C/10 seconds 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
MECHANICAL DATA
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
Dimensions in inches and (millimeters)
Case: JEDEC DO-204AL molded plastic over passivated junction Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55C to +150C
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE at 0.50A VFM (Volts) MAXIMUM CONTINUOUS REGULATOR CURRENT (1) IZM (A)
TYPE
ZENER VOLTAGE at 5.0mA VZ (Volts) MIN MAX IZT (mA)
MAXIMUM ZENER DYNAMIC IMPEDANCE ZZT (Ohms) IZK (mA) ZZK (Ohms)
MAXIMUM DC REVERSE LEAKAGE CURRENT AT VR VR (Volts) IR @ 25C (A) IR 100C (A)
Z4KE100 Z4KE100A Z4KE110 Z4KE110A Z4KE120 Z4KE120A Z4KE130 Z4KE130A Z4KE140 Z4KE140A Z4KE150 Z4KE150A Z4KE160 Z4KE160A Z4KE170 Z4KE170A Z4KE180 Z4KE180A Z4KE190 Z4KE190A Z4KE200 Z4KE200A
90 95 99 104 108 114 117 124 126 133 135 142 144 152 153 162 162 171 171 180 180 190
110 105 121 116 132 126 143 137 154 147 165 158 176 168 187 179 198 189 209 200 220 210
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
500 500 600 600 700 700 800 800 900 900 1000 1000 1100 1100 1200 1200 1300 1300 1400 1400 1500 1500
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
5000 5000 5000 5000 5000 5000 5000 5000 5000 5500 6000 6000 6500 6500 7000 7000 7000 7000 7500 7500 8000 8000
72.0 76.0 79.2 83.2 86.4 91.2 93.6 99.2 100 106.4 108.0 113.6 115.2 121.6 122.4 129.6 129.6 136.8 136.8 144.0 144.0 152.0
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
15.0 15.0 13.0 13.0 12.0 12.0 11.0 11.0 10.7 10.7 10.0 10.0 9.0 9.0 8.8 8.0 8.0 8.0 7.9 7.9 7.0 7.0
NOTES: (1) Standard voltage tolerance is 10%, suffix "A" is 5% (2) Temperature rating at specified regulator current is TL=30C (3) Maximum steady state power dissipation is 1.5 watts at TL=75C with lead length 0.375" (9.5mm) 1/20/99
RATINGS AND CHARACTERISTICS CURVES Z4KE100 THRU Z4KE200A
FIG.1 - MAXIMUM CONTINUOUS POWER DISSIPATION PM(AV), AVERAGE POWER DISSIPATION, WATTS
FIG. 2 - TYPICAL ZENER IMPEDANCE
1.5
ZZ, DYNAMIC IMPEDANCE, OHMS
60 HZ RESISTIVE OR INDUCTIVE LOAD
10,000
TJ=25C IZ (ma 0.1 IZ(dc)
1.125
L=0.375" (9.5mm)
1,000
VZ=200V VZ=180V VZ=150V
0.75
0.8 x 0.8 x 0.04" (20 x 20 x 7mm)
100
VZ=100V
0.375
0 25
10 0.5
1
10
100
500
50
75
100
125
150
175
IZT, ZENER TEST CURRENT, mA
TL, LEAD TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT, AMPS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1
TJ=100C
1
0.1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
0.1
TJ=25C
140 0.01 0 20 40 60 80 100 120
PERCENT OF RATED ZENER VOLTAGE, %
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS VZ TEMPERATURE COEFFICIENT, mV/C
FIG. 6 - TYPICAL ZENER VOLTAGE
220 200
TESTED at RATED IZT
10
IZT, TEST ZENER CURRENT, mA
180 160 140 120 100 80 100 110 120 130 140 150 160 170 180 190 200
VZ, ZENER VOLTAGE, VOLTS
1
0.1 100
150
200
250
VZ, ZENER VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of Z4KE180A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X